Electronic Components Datasheet Search
  English  ▼

X  

TLV2764IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2764IPW
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2764IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2764IPW Datasheet HTML 2Page - Texas Instruments TLV2764IPW Datasheet HTML 3Page - Texas Instruments TLV2764IPW Datasheet HTML 4Page - Texas Instruments TLV2764IPW Datasheet HTML 5Page - Texas Instruments TLV2764IPW Datasheet HTML 6Page - Texas Instruments TLV2764IPW Datasheet HTML 7Page - Texas Instruments TLV2764IPW Datasheet HTML 8Page - Texas Instruments TLV2764IPW Datasheet HTML 9Page - Texas Instruments TLV2764IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VDD =1 8V
25
°C
1.77
1.79
VDD = 1.8V
Full range
1.76
VIC = VDD/2,
VDD =2 4V
25
°C
2.38
2.39
IC
DD ,
IOH = – 100 µA
VDD = 2.4V
Full range
2.37
VDD =3 6V
25
°C
3.58
3.59
VOH
High level output voltage
VDD = 3.6V
Full range
3.57
V
VOH
High-level output voltage
VDD =1 8V
25
°C
1.725
1.75
V
VDD = 1.8V
Full range
1.7
VIC = VDD/2,
VDD =2 4V
25
°C
2.325
2.35
IC
DD ,
IOH = – 500 µA
VDD = 2.4V
Full range
2.3
VDD =3 6V
25
°C
3.525
3.55
VDD = 3.6V
Full range
3.5
VIC =VDD/2
IOL = 100 µA
25
°C
10
20
VOL
Low level output voltage
VIC = VDD/2,
IOL = 100 µA
Full range
30
mV
VOL
Low-level output voltage
VIC =VDD/2
IOL = 500 µA
25
°C
50
75
mV
VIC = VDD/2,
IOL = 500 µA
Full range
100
VDD = 1.8 V,
Positive rail
25
°C
4.8
IO
Output current
DD
,
VO = 0.5 V from
Negative rail
25
°C
7.2
mA
IO
Output current
VDD = 2.4 V,
Positive rail
25
°C
7.3
mA
DD
,
VO = 0.5 V from
Negative rail
25
°C
10.2
VDD =1 8V
Sourcing
25
°C
7
IOS
Short circuit output current
VDD = 1.8 V
Sinking
25
°C
10
mA
IOS
Short-circuit output current
VDD =2 4V
Sourcing
25
°C
15
mA
VDD = 2.4 V
Sinking
25
°C
19
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
power supply, VDD = 1.8 V, 2.4 V, 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD
Supply current (per channel)
VO =VDD/2
25
°C
20
28
µA
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
Full range
30
µA
VDD = 1.8 V to 2.4 V,
25
°C
65
85
DD
,
VIC = VDD /2
Full range
63
kSVR
Supply voltage rejection ratio
VDD = 2.4 V to 3.6 V,
No load
25
°C
65
85
dB
kSVR
yg
j
(
∆VDD /∆VIO)
DD
,
VIC = VDD /2
No load
Full range
63
dB
VDD = 1.8 V to 3.6 V,
25
°C
65
85
DD
,
VIC = VDD /2
Full range
63
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com