Electronic Components Datasheet Search
  English  ▼

X  

TLV2764IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2764IPW
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2764IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2764IPW Datasheet HTML 6Page - Texas Instruments TLV2764IPW Datasheet HTML 7Page - Texas Instruments TLV2764IPW Datasheet HTML 8Page - Texas Instruments TLV2764IPW Datasheet HTML 9Page - Texas Instruments TLV2764IPW Datasheet HTML 10Page - Texas Instruments TLV2764IPW Datasheet HTML 11Page - Texas Instruments TLV2764IPW Datasheet HTML 12Page - Texas Instruments TLV2764IPW Datasheet HTML 13Page - Texas Instruments TLV2764IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0
2
4
6
8
10
12
14
0
0.6
1.2
1.8
2.4
3
3.6
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
20
18
16
AV= 1
VIC = VDD/2
TA = –40°C
TA = 25°C
TA = 85°C
TA = 0°C
TA = 70°C
Figure 10
10
12
14
16
18
20
22
24
–40
–15
10
35
60
85
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VDD = 3.6 V
VDD = 2.4 V
VDD = 1.8 V
Figure 11
–20
0
20
40
60
80
100
10
100
1k
10k
100k
1M
VDD=2.4 V
TA=25°C
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 12
180
150
120
90
60
30
0
–30
–60
–90
–120
–150
–180
0
20
40
80
1k
10k
100k
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f – Frequency – Hz
60
–20
–40
1M
VDD = 1.8 V & 2.4 V
RL= 300 kΩ
CL = 10 pF
TA = 25° C
Gain
Phase
10
100
100
–40 –25 –10
5
20
35
50
65
80 85
Figure 13
0
100
200
300
400
500
600
700
RL = 300 kΩ
CL = 10 pF
f = 10 kHz
VDD = 2.4 V
VDD = 1.8 V
TA – Temperature – °C
GAIN BANDWIDTH PRODUCT
vs
TEMPERATURE
Figure 14
400
420
440
460
480
500
520
540
560
1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2
VDD – Supply Voltage – V
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
3.6
3.4
RL = 300 kΩ
CL = 10 pF
f = 10 kHz
Ta = 25
°C
Figure 15
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
SR–
SR+
SLEW RATE
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
AV = 1
RL = 300 kΩ
CL =50 pF
TA = 25° C
0.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com