Electronic Components Datasheet Search
  English  ▼

X  

VPC3200A Datasheet(PDF) 14 Page - Micronas

Part # VPC3200A
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3200A Datasheet(HTML) 14 Page - Micronas

Back Button VPC3200A Datasheet HTML 10Page - Micronas VPC3200A Datasheet HTML 11Page - Micronas VPC3200A Datasheet HTML 12Page - Micronas VPC3200A Datasheet HTML 13Page - Micronas VPC3200A Datasheet HTML 14Page - Micronas VPC3200A Datasheet HTML 15Page - Micronas VPC3200A Datasheet HTML 16Page - Micronas VPC3200A Datasheet HTML 17Page - Micronas VPC3200A Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
14
Micronas
Table 2–1 gives the picture settings achieving exact
level
matching
between
the
YCrCb_cip
and
YCrCb_main channel.
Note: R, G, B, Cr, Cb, = 0.7 Vpp, Y(+ sync) 1 Vpp
2.4.4. Softmixer
After an automatic delay matching, the component sig-
nals and the upsampled main video signal are gath-
ered onto a unique YCrCb channel by means of a ver-
satile 4:4:4 softmixer (see also Fig. 2–10).
The softmixer circuit consists of a Fast Blank (FB) pro-
cessing block supplying a mixing factor k (0...64) to a
high quality signal mixer achieving the output function:
YCrCb_mix=( k*YCrCb_main+ (64-k)*YCrCb_cip )/64
The softmixer supports several basic modes that are
selected via I2C bus (see Table 2–2).
2.4.4.1. Static Switch Mode
In its simplest and most common application the soft-
mixer is used as a static switch between YCrCb_main
and YCrCb_cip. This is for instance the adequate way
to handle a DVD component signal.
The factor k is clamped to 0 or 64, hence selecting
YCrCb_main or the component input YCrCb_cip. (see
Table 2–2)
2.4.4.2. Static Mixer Mode
The signal YCrCb_main and the component signal
YCrCb_cip may also be statically mixed. In this envi-
ronment, k is manually controlled via I2C registers
FBGAIN and FBOFFS according to the following
expression:
k = FBGAIN*(31
−FBOFFS) + 32
All the necessary limitation and rounding operation are
built-in to fit the range: 0
≤ k ≤ 64.
In the static mixer mode as well as in the previously
mentioned static switch mode (see Table 2–2), the
softmixer operates independently of the analogue Fast
Blank input.
2.4.4.3. Dynamic Mixer Mode
In the dynamic mixer mode, the mixer is controlled by
the Fast Blank signal. The VPC32xxD provides a linear
mixing coefficient
k=kl = FBGAIN*(FB
−FBOFFS) + 32
(FB is the digitized Fast Blank), and a non-linear mix-
ing coefficient knl=F(kl), which results from a further
non-linear processing of kl.
While the linear mixing coefficient is used to insert a
fullscreen video signal, the non-linear coefficient is
well-suited to insert Fast Blank related signals like text.
The non-linear mixing reduces disturbing effects like
over/undershoots at critical Fast Blank edges.
Fig. 2–10: Block diagram of the component mixer
Table 2–1: Standard picture settings
input
format
contrast
brightness
satCr
satCb
RGB
27
68
29
23
YCrCb
27
68
40
40
Y/C processing
mixer
Component
Processing
VIDEO
RGB/YCrCb
YCrCb_main
YCrCb_cip
YCrCb_mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com