Electronic Components Datasheet Search
  English  ▼

X  

VPC3200A Datasheet(PDF) 16 Page - Micronas

Part # VPC3200A
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3200A Datasheet(HTML) 16 Page - Micronas

Back Button VPC3200A Datasheet HTML 12Page - Micronas VPC3200A Datasheet HTML 13Page - Micronas VPC3200A Datasheet HTML 14Page - Micronas VPC3200A Datasheet HTML 15Page - Micronas VPC3200A Datasheet HTML 16Page - Micronas VPC3200A Datasheet HTML 17Page - Micronas VPC3200A Datasheet HTML 18Page - Micronas VPC3200A Datasheet HTML 19Page - Micronas VPC3200A Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
16
Micronas
Fig. 2–12: YCrCb downsampling lowpass-filter
2.5.2. Horizontal Prescaler
To achieve a horizontal compression ratio between
1/4 and 1/32 (e. g. for double window or PIP operation)
a linear downsampler resamples the input signal by 1
(no presampling), 2, 4 and 8.
2.5.3. Horizontal Scaling Engine
The scaler contains a programmable decimation filter,
a 1-H FIFO memory, and a programmable interpola-
tion filter. The scaler input filter is also used for pixel
skew correction, see 2.3.10. The decimator/interpola-
tor structure allows optimal use of the FIFO memory. It
allows a linear or nonlinear horizontal scaling of the
input video signal in the range of 0.25 to 4. The con-
trolling of the scaler is done by the internal Fast Pro-
cessor.
2.5.4. Horizontal Peaking-filter
The horizontal scaler block offers an extra peaking fil-
ter for sharpness control. The center frequency of the
peaking filter automatically adopts to the horizontal
scaling ratio. Three center frequencies are selectable
(see Fig. 2–13: )
– center at sampling rate / 2
– center at sampling rate / 4
– center at sampling rate / 6
The filter gain is adjustable between 0 – +10 dB and a
coring filter suppresses small amplitudes to reduce
noise artifacts.
2
4
6
8
10
-50
-40
-30
-20
-10
0
10
MHz
dB
1
2
3
4
5
-50
-40
-30
-20
-10
0
10
MHz
dB
Table 2–3: Scaler modes
Mode
Scale
Factor
Description
Compression
4:3
→ 16:9
0.75
linear
4:3 source displayed on
a 16:9 tube,
with side panels
Panorama
4:3
→16:9
non-
linear
compr
4:3 source displayed on
a 16:9 tube,
Borders distorted
Zoom
4:3
→ 4:3
1.33
linear
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan with
cropping of side panels
Water glass
16:9
→ 4:3
non-
linear
zoom
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan, bor-
ders distorted, no crop-
ping
20.25
→
13.5 MHz
0.66
sample rate conversion
to line-locked clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com