Electronic Components Datasheet Search
  English  ▼

X  

YMF724 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YMF724
Description  high performance audio controller for the PCI Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF724 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YMF724 Datasheet HTML 9Page - YAMAHA CORPORATION YMF724 Datasheet HTML 10Page - YAMAHA CORPORATION YMF724 Datasheet HTML 11Page - YAMAHA CORPORATION YMF724 Datasheet HTML 12Page - YAMAHA CORPORATION YMF724 Datasheet HTML 13Page - YAMAHA CORPORATION YMF724 Datasheet HTML 14Page - YAMAHA CORPORATION YMF724 Datasheet HTML 15Page - YAMAHA CORPORATION YMF724 Datasheet HTML 16Page - YAMAHA CORPORATION YMF724 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
YMF724F
January 14, 1999
-13-
08h: Revision ID
Read Only
Default: 03h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Revision ID
b[7:0] ..........Revision ID
This register contains the revision number of DS-1.
This register is hardwired to 03h.
09h: Programming Interface
Read Only
Default: 00h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Programming Interface
b[7:0] ..........Programming Interface
This register indicates the programming interface of DS-1.
This register is hardwired to 00h.
0Ah: Sub-class Code
Read Only
Default: 01h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Sub-class Code
b[7:0] ..........Sub-class Code
This register indicates the sub-class of DS-1.
This register is hardwired to 01h.
DS-1 belongs to the
Audio Sub-class.
0Bh: Base Class Code
Read Only
Default: 04h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Base Class Code
b[7:0] ..........Base Class Code
This register indicates the base class of DS-1.
This register is hardwired to 04h.
DS-1 belongs to the
Multimedia Base Class.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com