Electronic Components Datasheet Search
  English  ▼

X  

YMF724 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YMF724
Description  high performance audio controller for the PCI Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF724 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YMF724 Datasheet HTML 17Page - YAMAHA CORPORATION YMF724 Datasheet HTML 18Page - YAMAHA CORPORATION YMF724 Datasheet HTML 19Page - YAMAHA CORPORATION YMF724 Datasheet HTML 20Page - YAMAHA CORPORATION YMF724 Datasheet HTML 21Page - YAMAHA CORPORATION YMF724 Datasheet HTML 22Page - YAMAHA CORPORATION YMF724 Datasheet HTML 23Page - YAMAHA CORPORATION YMF724 Datasheet HTML 24Page - YAMAHA CORPORATION YMF724 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
YMF724F
January 14, 1999
-21-
46-47h: Subsystem ID Write Register
Read / Write
Default: 000Dh
Access Bus Width: 16-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Subsystem ID Write
b[15:0] ........Subsystem ID Write Register
This register sets the Subsystem ID that is read from 2E-2Fh (Subsystem ID register).
The default value is the DS-1 Device ID, 000Dh.
IHVs must change this ID to their ID in the BIOS
POST routine.
In case EEPROM connects externally, this register is invalid, and do not reflect to Subsystem ID.
48-49h: DS-1 Control Register
Read / Write
Default: 0001h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
XRST CRST
b0................CRST: AC’97 Software Reset Signal Control
This bit controls the CRST# signal.
“0”: Inactive (CRST#=High)
“1”: Active (CRST#=Low)
(default)
b1................XRST: Local Device Software Reset Signal Control
This bit controls the XRST# signal.
“0”: Inactive (XRST#=High)
(default)
“1”: Active (XRST#=Low)
4A-4Bh: DS-1 Power Control Register
Read / Write
Default: 0000h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
-
-
PSN
PSL1
PSL0 DPLL1 DPLL0 DMC
b0................DMC: Disable Master Clock Oscillation
Setting this bit to “1” disables the oscillation of the Master Clock (24.576 MHz).
“0”: Normal
(default)
“1”: Disable
b1................DPLL0: Disable PLL0 Clock Oscillation
Setting this bit to “1” disables the oscillation of PLL for the Legacy Audio function.
“0”: Normal
(default)
“1”: Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com