Electronic Components Datasheet Search
  English  ▼

X  

MJB41C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJB41C
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJB41C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJB41C Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJB41C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
MJB41C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO *
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
100
V
VCE(sat)*
Collector-Emitter Saturation Voltage
IC=6A; IB= 600mA
1.5
V
VBE(on)*
Base-Emitter On Voltage
IC= 6A; VCE=4V
2.0
V
ICEO
Collector Cutoff Current
VCE= 60V; IE= 0
0.7
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
50
uA
hFE1*
DC Current Gain
IC= 0.3A; VCE= 4 V
30
hFE2*
DC Current Gain
IC= 3A; VCE= 4 V
15
75
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
3
MHz
*:Pulse test PW≤300us,duty cycle≤2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com