Electronic Components Datasheet Search
  English  ▼

X  

MJB41C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJB41C
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJB41C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJB41C Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJB41C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
MJB41C
DESCRIPTION
·
Lead formed for surface mount applications(NO suffix)
·
Electrically the same as TIP41 series
·
Pb-free package are available
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
General purpose amplifier and switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
6
A
ICP
Collector Current-Pulse
10
A
IB
Base Current
2
A
PC
Total Power Dissipation
@ Ta=25℃
2
W
PC
Total Power Dissipation
@ TC=25℃
65
W
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - MJB41C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB41C ONSEMI-MJB41C Datasheet
123Kb / 8P
Complementary Silicon Plastic Power Transistors
March, 2001 ??Rev. 0
MJB41C ONSEMI-MJB41C Datasheet
90Kb / 6P
Complementary Silicon Plastic Power Transistors
December, 2005 ??Rev. 1
MJB41C ONSEMI-MJB41C Datasheet
131Kb / 6P
Complementary Silicon Plastic Power Transistors
May, 2013 ??Rev. 4
logo
Inchange Semiconductor ...
MJB41C ISC-MJB41C Datasheet
314Kb / 2P
isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJB41CG ONSEMI-MJB41CG Datasheet
90Kb / 6P
Complementary Silicon Plastic Power Transistors
December, 2005 ??Rev. 1
More results

Similar Description - MJB41C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com