Electronic Components Datasheet Search
  English  ▼

X  

MJE18004 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE18004
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE18004 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE18004 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE18004 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
MJE18004
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA; IB=0
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1 A ;IB= 0.1A
TC=125℃
0.5
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 2A ;IB= 0.4 A
TC=125℃
0.45
0.8
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 2.5A ;IB= 0.5 A
0.75
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.4A
1.25
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5 A
1.3
V
ICES
Collector Cutoff Current
VCES= RatedVCES;VEB= 0
TC=125℃
0.05
0.5
mA
VCES= 800V
TC=125℃
0.01
0.1
ICEO
Collector Cutoff Current
VCE= RatedVCEO; IB= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
14
36
hFE-2
DC Current Gain
IC= 2A ; VCE= 1V
6
hFE-3
DC Current Gain
IC= 10mA; VCE= 5V
10
fT
Current-Gain—Bandwidth Product
IC= 0.5A;VCE= 10V;ftest=1.0MHz
13
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0MHz
450
pF
Switching Times Resistive Load,Duty Cycle≤10%,Pulse Width=20μs
ton
Turn-on Time
VCC=250V ,IC=2.5A
IB1=IB2=0.5 A
450
600
ns
tS
Storage Time
2
3
μ
s
tf
Turn-off Time
0.275
0.4
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com