Electronic Components Datasheet Search
  English  ▼

X  

SST12CP33 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12CP33
Description  2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP33 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12CP33 Datasheet HTML 2Page - Microchip Technology SST12CP33 Datasheet HTML 3Page - Microchip Technology SST12CP33 Datasheet HTML 4Page - Microchip Technology SST12CP33 Datasheet HTML 5Page - Microchip Technology SST12CP33 Datasheet HTML 6Page - Microchip Technology SST12CP33 Datasheet HTML 7Page - Microchip Technology SST12CP33 Datasheet HTML 8Page - Microchip Technology SST12CP33 Datasheet HTML 9Page - Microchip Technology SST12CP33 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SST12CP33
DS70005222B-page 6
 2015 Microchip Technology Inc.
TABLE 4-3:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION AT VCC = 5V,
VPEN = 2.95V, 25ºC, 50% DUTY CYCLE
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g/n/256 QAM applications
2400
2500
MHz
POUT
Output power at 3% EVM with 802.11g OFDM at 54
Mbps
25
dBm
Output power at 2.5% EVM with 802.11n MCS7-HT20
24
dBm
Output power at 1.75% EVM with 256 QAM MCS9-
VHT40
23
dBm
Output power meeting 802.11g spectral mask, 6 Mbps
28
dBm
Output power meeting 802.11n HT20 spectral mask
27
dBm
Output power meeting MCS0-HT40 spectral mask
26.5
dBm
Output power meeting 802.11b spectral mask with
11 Mbps CCK
28
dBm
G
Power gain for 802.11b/g/n/256 QAM
37
39
dB
GVAR
Gain variation over band
±0.5
dB
2f
Second Harmonic at 29 dBm, 802.11b mask compliance1
-50
dBm/MHz
3f
Third Harmonic at 29 dBm, 802.11b mask compliance1
-50
dBm/MHz
1. Harmonic rejection is possible with a simple LC filter, as shown in Figure 5-9.
TABLE 4-4:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION AT VCC = 3.3V,
VPEN = 2.9V, 25ºC, 50% DUTY CYCLE
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g/n/256 QAM applications
2400
2500
MHz
POUT
Output power at 3% EVM with 802.11g OFDM at 54
Mbps
21
dBm
Output power at 2.5% EVM with 802.11n MCS7-HT20
20.5
dBm
Output power at 2.5% EVM with 802.11n MCS7-HT40
20
dBm
Output power at 1.75% EVM with 256 QAM MCS9-
VHT40
18.5
dBm
Output power meeting 802.11b spectral mask with
11 Mbps CCK
25
dBm
G
Power gain for 802.11b/g/n/256 QAM
35
37
dB
GVAR
Gain variation over band
-0.5
dB
2f
Second Harmonic at 25 dBm, 802.11b mask compliance1
1. Harmonic rejection is possible with a simple LC filter, as shown in Figure 5-9.
-60
dBm/MHz
3f
Third Harmonic at 25 dBm, 802.11b mask compliance1
-60
dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com