Electronic Components Datasheet Search
  English  ▼

X  

SST12CP33 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12CP33
Description  2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP33 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12CP33 Datasheet HTML 6Page - Microchip Technology SST12CP33 Datasheet HTML 7Page - Microchip Technology SST12CP33 Datasheet HTML 8Page - Microchip Technology SST12CP33 Datasheet HTML 9Page - Microchip Technology SST12CP33 Datasheet HTML 10Page - Microchip Technology SST12CP33 Datasheet HTML 11Page - Microchip Technology SST12CP33 Datasheet HTML 12Page - Microchip Technology SST12CP33 Datasheet HTML 13Page - Microchip Technology SST12CP33 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SST12CP33
DS70005222B-page 10
 2015 Microchip Technology Inc.
FIGURE 5-7:
DYNAMIC EVM VERSUS OUTPUT POWER (WITH HARMONIC FILTER), MCS7-HT40
FIGURE 5-8:
TYPICAL SCHEMATIC FOR 256 QAM APPLICATIONS
70005222 6.1
0
1
2
3
4
5
6
7
8
9
10
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Output Power (dBm)
2412 MHz
2442 MHz
2472 MHz
RFOUT
1.8 pF
50
Ω /0.6mm
VPEN
Vcc
0.1 µF
VDET
70005222 Schematic.1.1
Suggested operation conditions:
1. VCC = 5.0V/ VPEN = 2.95V
2. Center slug to RF ground
* Note: R = 10
Ω for robustness at
5.5V VCC
**Note: For a compact output match, the
3.4 mm tramsmission line can be replaced
with an 0.8 nH inductor.
0.1 µF
50
Ω/3.4mm**
1.5 pF
100 pF
10 µF
2
56
8
16
15
1
14
49
11
12
10
13
3
7
RFIN
50
Ω
15
Ω
0.1 µF
2.7 nF
Bias
Circuit
15 nH
1 µF
0
Ω*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com