Electronic Components Datasheet Search
  English  ▼

X  

AB05F Datasheet(PDF) 1 Page - Dc Components

Part # AB05F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

AB05F Datasheet(HTML) 1 Page - Dc Components

  AB05F Datasheet HTML 1Page - Dc Components AB05F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACEMOUNTGLASS PASSIVATED BRIDGERECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 0.8 Ampere
FEATURES
*High surge current capability
* Ideal for printed circuit board
* Glass passivated junction
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.08 gram
Dimensions in inches and (millimeters)
AB05F
THRU
AB10F
www.dccomponents.com
1
ABF
.165(4.2)
.150(3.8)
.181(4.6)
.165(4.2)
.252(6.4)
.236(6.0)
.028(0.7)
.019(0.5)
.205(5.2)
.189(4.8)
.048(1.2)
.039(1.0)
.008(0.2)
.037(0.95)
MAX
.012(0.3)
.004(0.1)
.024(0.6)
MAX
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
SYMBOL
VRRM
VDC
VRMS
Volts
Volts
Amps
UNITS
Volts
AB05F
AB1F
AB2F
AB4F
AB6F
AB8F
AB10F
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
IFSM
25
Amps
DC Blocking Voltage per element
VF
IR
1.1
100
pF
Maximum DC Forward Voltage Drop per Bridge Element at 0.8A DC
Volts
5.0
Maximum Reverse Current at rated
IO
0.8
Operating and Storage Temperature Range
T J,TSTG
-50 to + 150
Maximum Average Forward Output Current at TA = 50
(Note 1)
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
@TA = 25
oC
@TA = 125
oC
Typical Junction Capacitance ( Note 2)
CJ
15
µAmps
80
0
C/W
R
θJA
Typical Thermal Resistance (Note 3)
0
C
NOTES: 1. Mounted on P.C. board with 4x(5x5mm ) copper pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
2


Similar Part No. - AB05F

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
LUXEON짰 Power Light Sources
logo
List of Unclassifed Man...
AB05 ETC2-AB05 Datasheet
186Kb / 1P
Connectors Business Unit
logo
FIBOX Enclosing innovat...
AB050504 FIBOX-AB050504 Datasheet
68Kb / 2P
Enclosure, ABS
12.01.2023
AB050705 FIBOX-AB050705 Datasheet
451Kb / 2P
Enclosure, ABS
12.01.2023
logo
Comchip Technology
AB05100WS-HF COMCHIP-AB05100WS-HF Datasheet
474Kb / 5P
Schottky Barrier Rectifier
REV:A
More results

Similar Description - AB05F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com