Electronic Components Datasheet Search
  English  ▼

X  

AB05F Datasheet(PDF) 2 Page - Dc Components

Part # AB05F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

AB05F Datasheet(HTML) 2 Page - Dc Components

  AB05F Datasheet HTML 1Page - Dc Components AB05F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
T=
C
J
125
O
T=25 C
J
O
0
20
40
60
80
100
120
140 150
0.2
0.6
0.8
1
10
20
30
40
50
2
5
10
20
50
100
0.01
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
0.1
0
1.0
10
100
20
60
40
80
100
120
140
RATING AND CHARACTERISTIC CURVES ( AB05F THRU AB10F )
0.4
www.dccomponents.com
2
AMBIENT TEMPERATURE, C
O
FIG. 1 - MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG. 2 - DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHAR ACTEISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com