Electronic Components Datasheet Search
  English  ▼

X  

25CTQ Datasheet(PDF) 8 Page - International Rectifier

Part # 25CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ Datasheet(HTML) 8 Page - International Rectifier

  25CTQ Datasheet HTML 1Page - International Rectifier 25CTQ Datasheet HTML 2Page - International Rectifier 25CTQ Datasheet HTML 3Page - International Rectifier 25CTQ Datasheet HTML 4Page - International Rectifier 25CTQ Datasheet HTML 5Page - International Rectifier 25CTQ Datasheet HTML 6Page - International Rectifier 25CTQ Datasheet HTML 7Page - International Rectifier 25CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
25CTQ... Series
8
Bulletin PD-20242 rev. B 07/03
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
25CTQ045
********************************************
*
This model has been developed by
*
* Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation
*
* Contain Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT 25CTQ045 ANO CAT
D1 ANO 1 DMOD (0.07089)
*Define diode model
.MODEL DMOD D(IS=1.72789623043916E-04A,N=1.16449261507669,BV=52V,
+ IBV=0.347382965330896A,RS= 0.000623832,CJO=2.01681525450576E-08,
+ VJ=1.79426113441105,XTI=2, EG=0.778356513713514)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=30.866905105089)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.873853E-03/30.86691)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*5.486216E-02*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS 25CTQ045
Thermal Model Subcircuit
.SUBCKT 25CTQ045 5 1
CTHERM1
5
4
4.04E-01
CTHERM2
4
3
2.01E+00
CTHERM3
3
2
8.32E+00
CTHERM4
2
1
3.80E+02
RTHERM1
5
4
1.62E+00
RTHERM2
4
3
1.22E+00
RTHERM1
3
2
3.50E-01
RTHERM1
2
1
4.34E-02
.ENDS 25CTQ045



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com