Electronic Components Datasheet Search
  English  ▼

X  

25CTQ Datasheet(PDF) 1 Page - International Rectifier

Part # 25CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ Datasheet(HTML) 1 Page - International Rectifier

  25CTQ Datasheet HTML 1Page - International Rectifier 25CTQ Datasheet HTML 2Page - International Rectifier 25CTQ Datasheet HTML 3Page - International Rectifier 25CTQ Datasheet HTML 4Page - International Rectifier 25CTQ Datasheet HTML 5Page - International Rectifier 25CTQ Datasheet HTML 6Page - International Rectifier 25CTQ Datasheet HTML 7Page - International Rectifier 25CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
30 Amp
25CTQ...
25CTQ...S
25CTQ.. -1
www.irf.com
1
Bulletin PD-20242 rev. B 07/03
I
F(AV) Rectangular
30
A
waveform
V
RRM range
35 to 45
V
I
FSM @ tp = 5 µs sine
990
A
V
F
@15 Apk, T
J=125°C
0.50
V
(per leg)
T
J
range
- 55 to 150
°C
Characteristics
25CTQ
Units
Major Ratings and Characteristics
Description/ Features
The 25CTQ center tap Schottky rectifier series has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150° C junction temperature. Typical
applications are in switching power supplies, converters,
free-wheeling diodes, and reverse battery protection.
150° C T
J operation
Center tap TO-220 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
IF(AV) = 30Amp
VR = 35 to 45V
Case Styles
25CTQ...
25CTQ... S
25CTQ... -1
TO-220
D2PAK
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 25CTQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
logo
Sangdest Microelectroni...
25CTQ SMC-25CTQ Datasheet
186Kb / 6P
Switching power supply
25CTQ-1 SMC-25CTQ-1 Datasheet
186Kb / 6P
Switching power supply
25CTQ-S SMC-25CTQ-S Datasheet
186Kb / 6P
Switching power supply
logo
Vishay Siliconix
25CTQ035 VISHAY-25CTQ035 Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
More results

Similar Description - 25CTQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com