Electronic Components Datasheet Search
  English  ▼

X  

BA8522RF Datasheet(PDF) 10 Page - Rohm

Part # BA8522RF
Description  Low Noise Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF Datasheet(HTML) 10 Page - Rohm

Back Button BA8522RF Datasheet HTML 6Page - Rohm BA8522RF Datasheet HTML 7Page - Rohm BA8522RF Datasheet HTML 8Page - Rohm BA8522RF Datasheet HTML 9Page - Rohm BA8522RF Datasheet HTML 10Page - Rohm BA8522RF Datasheet HTML 11Page - Rohm BA8522RF Datasheet HTML 12Page - Rohm BA8522RF Datasheet HTML 13Page - Rohm BA8522RF Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
10/22
13.Sep.2013 Rev.001
TSZ22111・15・00
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
-30
-20
-10
0
10
20
30
±0
±2
±4
±6
±8
±10
±12
±14
±16
Supply Voltage [V]
Typical Performance Curves - continued
○ BA8522Rxxx
(*) The above data is measurement value of typical sample, it is not guaranteed.
-5
-4
-3
-2
-1
0
1
2
3
4
5
-15
-10
-5
0
5
10
15
Common Mode Input Voltage [V]
105°C
25°C
-40°C
Figure 15.
Input Offset Current vs Ambient Temperature
(VICM=0V, EK=0V)
-30
-20
-10
0
10
20
30
-50-25
0
25
50
75100
125
Ambient Temperature [°C]
±2V
±15V
±7.5V
Figure 14.
Input Offset Current vs Supply Voltage
(VICM=0V, EK=0V)
Figure 16.
Input Offset Voltage vs Common Mode Input Voltage
(VCC=8V, EK=-4V)
Figure 17.
Common Mode Rejection Ratio vs Ambient Temperature
(VCC/VEE=+15V/-15V, VICM=-12V to +12V)
105°C
-40°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com