Electronic Components Datasheet Search
  English  ▼

X  

BA8522RF Datasheet(PDF) 2 Page - Rohm

Part # BA8522RF
Description  Low Noise Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF Datasheet(HTML) 2 Page - Rohm

  BA8522RF Datasheet HTML 1Page - Rohm BA8522RF Datasheet HTML 2Page - Rohm BA8522RF Datasheet HTML 3Page - Rohm BA8522RF Datasheet HTML 4Page - Rohm BA8522RF Datasheet HTML 5Page - Rohm BA8522RF Datasheet HTML 6Page - Rohm BA8522RF Datasheet HTML 7Page - Rohm BA8522RF Datasheet HTML 8Page - Rohm BA8522RF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
2/22
13.Sep.2013 Rev.001
TSZ22111・15・00
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
Pin Configuration
BA8522RF : SOP8
BA8522RFV : SSOP-B8
BA8522RFVM : MSOP8
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
Package
SOP8
SSOP-B8
MSOP8
BA8522RF
BA8522RFV
BA8522RFVM
Ordering Information
B
A
8
5
2
2
R
x
x
x
-
x x
Part Number
BA8522Rxxx
Package
F
: SOP8
FV
: SSOP-B8
FVM : MSOP8
Packaging and Forming Specification
E2: Embossed tape and reel
(SOP8/SSOP-B8)
TR: Embossed tape and reel
(MSOP8)
Line-up
Topr
Operating Supply
Voltage
(split supply)
Supply
Current
(Typ)
Slew Rate
(Typ)
Package
Orderable
Part Number
-40°C to +105°C
±2.0V to ±16.0V
5.5mA
3V/µs
SOP8
Reel of 2500
BA8522RF-E2
SSOP-B8
Reel of 2500
BA8522RFV-E2
MSOP8
Reel of 3000
BA8522RFVM-TR
-+
+ -
CH1
CH2
8
1
2
3
4
5
6
7
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com