Electronic Components Datasheet Search
  English  ▼

X  

DMC4050SSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC4050SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4050SSD Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC4050SSD Datasheet HTML 2Page - Diodes Incorporated DMC4050SSD Datasheet HTML 3Page - Diodes Incorporated DMC4050SSD Datasheet HTML 4Page - Diodes Incorporated DMC4050SSD Datasheet HTML 5Page - Diodes Incorporated DMC4050SSD Datasheet HTML 6Page - Diodes Incorporated DMC4050SSD Datasheet HTML 7Page - Diodes Incorporated DMC4050SSD Datasheet HTML 8Page - Diodes Incorporated DMC4050SSD Datasheet HTML 9Page - Diodes Incorporated DMC4050SSD Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DMC4050SSDQ
Document number: DS38781 Rev. 1 - 2
6 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DMC4050SSDQ
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
I = 250µA
D
I = 1mA
D
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
10
100
1,000
10,000
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
C
rss
Coss
f = 1MHz
0
5
10
15
20
25
30
35
40
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
10,000
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
35
40
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 20V
I = 12A
DS
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com