Electronic Components Datasheet Search
  English  ▼

X  

DMC4050SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC4050SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4050SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC4050SSD Datasheet HTML 1Page - Diodes Incorporated DMC4050SSD Datasheet HTML 2Page - Diodes Incorporated DMC4050SSD Datasheet HTML 3Page - Diodes Incorporated DMC4050SSD Datasheet HTML 4Page - Diodes Incorporated DMC4050SSD Datasheet HTML 5Page - Diodes Incorporated DMC4050SSD Datasheet HTML 6Page - Diodes Incorporated DMC4050SSD Datasheet HTML 7Page - Diodes Incorporated DMC4050SSD Datasheet HTML 8Page - Diodes Incorporated DMC4050SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DMC4050SSDQ
Document number: DS38781 Rev. 1 - 2
1 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DMC4050SSDQ
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
(Notes 7 & 9)
Q1
40V
45m
Ω @ VGS= 10V
5.8A
60m
Ω @ VGS= 4.5V
4.2A
Q2
-40V
45m
Ω @ VGS= -10V
-5.8A
60m
Ω @ VGS= -4.5V
-4.2A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
Automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
3-Phase BLDC Motor
CCFL Backlighting
Features and Benefits
Matched N & P RDS(ON) – Minimizes Power Losses
Fast Switching
– Minimizes Switching Losses
Dual Device
– Reduces PCB Area
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMC4050SSDQ-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporate
d’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
SO-8
Top View
Top View
Equivalent Circuit
D1
S1
G1
S2
G2
D1
D2
D2
D1
S1
G1
D2
S2
G2


Similar Part No. - DMC4050SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMC4050SSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
40V Complementary Enhancement Mode MOSFET
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com