Electronic Components Datasheet Search
  English  ▼

X  

AD1835 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1835
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1835 Datasheet HTML 3Page - Analog Devices AD1835 Datasheet HTML 4Page - Analog Devices AD1835 Datasheet HTML 5Page - Analog Devices AD1835 Datasheet HTML 6Page - Analog Devices AD1835 Datasheet HTML 7Page - Analog Devices AD1835 Datasheet HTML 8Page - Analog Devices AD1835 Datasheet HTML 9Page - Analog Devices AD1835 Datasheet HTML 10Page - Analog Devices AD1835 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD1835
–7–
PIN FUNCTION DESCRIPTIONS
Input/
Pin No.
Mnemonic
Output
Description
1, 39
DVDD
Digital Power Supply. Connect to digital 5 V supply.
2CLATCH
I
Latch Input for Control Data
3
CIN
I
Serial Control Input
4
PD/RST
I
Power-Down/Reset
5, 10, 16, 24, 30, 35
AGND
Analog Ground
6, 12, 25, 31
OUTLNx
O
DACx Left Channel Negative Output
7, 13, 26, 32
OUTLPx
O
DACx Left Channel Positive Output
8, 14, 27, 33
OUTRNx
O
DACx Right Channel Negative Output
9, 15, 28, 34
OUTRPx
O
DACx Right Channel Positive Output
11, 19, 29
AVDD
Analog Power Supply. Connect to analog 5 V supply.
17
FILTD
Filter Capacitor Connection. Recommended 10
µF 100 nF.
18
FILTR
Reference Filter Capacitor Connection. Recommended 10
µF 100 nF.
20
ADCLN
I
ADC Left Channel Negative Input
21
ADCLP
I
ADC Left Channel Positive Input
22
ADCRN
I
ADC Right Channel Negative Input
23
ADCRP
I
ADC Right Channel Positive Input
36
M/S
I
ADC
Master/Slave Select
37
DLRCLK
I/O
DAC LR Clock
38
DBCLK
I/O
DAC Bit Clock
40, 52
DGND
Digital Ground
41–44
DSDATAx
I
DACx Input Data (Left and Right Channels)
45
ABCLK
I/O
ADC Bit Clock
46
ALRCLK
I/O
ADC LR Clock
47
MCLK
I
Master Clock Input
48
ODVDD
Digital Output Driver Power Supply
49
ASDATA
O
ADC Serial Data Output
50
COUT
O
Output for Control Data
51
CCLK
I
Control Clock Input for Control Data
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
AVDD
OUTLP2
OUTLN2
OUTRP1
OUTRN1
OUTLP1
OUTLN1
PD/RST
CIN
CLATCH
DVDD
OUTRN3
OUTRP3
OUTLN4
OUTLP4
OUTRN4
OUTRP4
AGND
DLRCLK
DBCLK
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
52
51
50
49
48
47
46
45
44
43
42
41
40
AGND
M/S
AGND
AGND
DVDD
AVDD
AD1835
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com