Electronic Components Datasheet Search
  English  ▼

X  

AD1835 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1835
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1835 Datasheet HTML 12Page - Analog Devices AD1835 Datasheet HTML 13Page - Analog Devices AD1835 Datasheet HTML 14Page - Analog Devices AD1835 Datasheet HTML 15Page - Analog Devices AD1835 Datasheet HTML 16Page - Analog Devices AD1835 Datasheet HTML 17Page - Analog Devices AD1835 Datasheet HTML 18Page - Analog Devices AD1835 Datasheet HTML 19Page - Analog Devices AD1835 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD1835
–16–
Table II. Pin Function Changes in Auxiliary Mode
Pin Name
I
2S Mode
Aux Mode
ASDATA (O)
I
2S Data Out, Internal ADC
TDM Data Out to SHARC
DSDATA1 (I)
I
2S Data In, Internal DAC1
TDM Data In from SHARC
DSDATA2 (I)/AAUXDATA1 (I)
I
2S Data In, Internal DAC2
AUX-I
2S Data In 1 (from Ext. ADC)
DSDATA3 (I)/AAUXDATA2 (I)
I
2S Data In, Internal DAC3
AUX-I
2S Data In 2 (from Ext. ADC)
DSDATA4 (I)/AAUXDATA3 (I)
I
2S Data In, Internal DAC4
AUX-I
2S Data In 3 (from Ext. ADC)
ALRCLK (O)
LRCLK for ADC
TDM Frame Sync Out to SHARC
ABCLK (O)
BCLK for ADC
TDM BCLK Out to SHARC (FSTDM)
DLRCLK (I)/AUXLRCLK(I/O)
LRCLK In/Out Internal DACs
AUX LRCLK In/Out. Driven by Ext. LRCLK
from ADC in slave mode. In master mode,
driven by MCLK/512.
DBCLK (I)/AUXBCLK(I/O)
BCLK In/Out Internal DACs
AUX BCLK In/Out. Driven by Ext. BCLK from
ADC in slave mode. In master mode, driven by
MCLK/8.
FSTDM
INTERNAL
ADC L1
AUX_ADC L2
AUX_ADC L3
AUX_ADC L4
INTERNAL
ADC R1
AUX_ADC R2
AUX_ADC R3
AUX_ADC R4
INTERNAL
DAC L1
INTERNAL
DAC L2
INTERNAL
DAC L3
INTERNAL
DAC R1
INTERNAL
DAC R2
INTERNAL
DAC R3
MSB TDM
1ST
CH
LEFT
RIGHT
I2S – MSB RIGHT
I2S – MSB LEFT
BCLK
TDM
ASDATA1
TDM (OUT)
ASDATA
DSDATA1
TDM (IN)
DSDATA1
AUX
LRCLK I2S
(FROM AUX ADC #1)
AUX
BCLK I2S
(FROM AUX ADC #1)
AAUXDATA1 (IN)
(FROM AUX ADC #1)
AAUXDATA2 (IN)
(FROM AUX ADC #2)
AAUXDATA3 (IN)
(FROM AUX ADC #3)
NOTE:
AUX BCLK FREQUENCY IS 64
FRAME RATE; TDM BCLK FREQUENCY IS 256
FRAME RATE.
MSB TDM
8TH
CH
32
32
MSB TDM
1ST
CH
MSB TDM
8TH
CH
I2S – MSB RIGHT
I2S – MSB LEFT
I2S – MSB RIGHT
I2S – MSB LEFT
INTERNAL
DAC L4
INTERNAL
DAC R4
Figure 11. Aux Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com