Electronic Components Datasheet Search
  English  ▼

X  

AD7873 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7873
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7873 Datasheet HTML 18Page - Analog Devices AD7873 Datasheet HTML 19Page - Analog Devices AD7873 Datasheet HTML 20Page - Analog Devices AD7873 Datasheet HTML 21Page - Analog Devices AD7873 Datasheet HTML 22Page - Analog Devices AD7873 Datasheet HTML 23Page - Analog Devices AD7873 Datasheet HTML 24Page - Analog Devices AD7873 Datasheet HTML 25Page - Analog Devices AD7873 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7873
Rev. D | Page 22 of 28
16 Clocks per Cycle
The control bits for the next conversion can be overlapped with
the current conversion to allow for a conversion every 16 DCLK
cycles, as shown in Figure 38. This timing diagram also allows
the possibility of communication with other serial peripherals
between each byte (eight DCLK) transfer between the processor
and the converter. However, the conversion must complete
within a short enough time frame to avoid capacitive droop
effects that could distort the conversion result. It should also be
noted that the AD7873 is fully powered while other serial
communications are taking place between byte transfers.
15 Clocks per Cycle
Figure 39 shows the fastest way to clock the AD7873. This
scheme does not work with most microcontrollers or DSPs
because they are not capable of generating a 15 clock cycle per
serial transfer. However, some DSPs allow the number of clocks
per cycle to be programmed. This method could also be used
with FPGAs (field programmable gate arrays) or ASICs (appli-
cation specific integrated circuits). As in the 16 clocks per cycle
case, the control bits for the next conversion are overlapped
with the current conversion to allow a conversion every 15
DCLK cycles using 12 DCLKs to perform the conversion and 3
DCLKs to acquire the analog input. This effectively increases
the throughput rate of the AD7873 beyond that used for the
specifications that are tested using 16 DCLKs per cycle, and
DCLK = 2 MHz.
8-Bit Conversion
The AD7873 can be set up to operate in an 8-bit mode rather
than a 12-bit mode by setting the MODE bit in the control
register to 1. This mode allows a faster throughput rate to be
achieved, assuming 8-bit resolution is sufficient. When using 8-
bit mode, a conversion is complete four clock cycles earlier than
in 12-bit mode. This could be used with serial interfaces that
provide 12 clock transfers, or two conversions could be completed
with three eight-clock transfers. The throughput rate increases
by 25% as a result of the shorter conversion cycle, but the
conversion itself can occur at a faster clock rate because the
internal settling time of the AD7873 is not as critical, because
settling to eight bits is all that is required. The clock rate can be
as much as 50% faster. The faster clock rate and fewer clock
cycles combine to provide double the conversion rate.
CS
DCLK
DIN
BUSY
DOUT
1
S
S
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
11
1
88
8
CONTROL BITS
CONTROL BITS
Figure 38. Conversion Timing, 16 DCLKS per Cycle, 8-Bit Bus Interface. No DCLK delay required with dedicated serial port.
CS
DCLK
DIN
BUSY
DOUT
S
A2
PD1 PD0
A1
A0 MODE
SER/
DFR
MODE
SER/
DFR
1
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
8
7
6
5
4
15
1
15
1
SA2
SA2
A1
PD1 PD0
A0
Figure 39. Conversion Timing, 15 DCLKS per Cycle, Maximum Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com