Electronic Components Datasheet Search
  English  ▼

X  

AD7873 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7873
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7873 Datasheet HTML 20Page - Analog Devices AD7873 Datasheet HTML 21Page - Analog Devices AD7873 Datasheet HTML 22Page - Analog Devices AD7873 Datasheet HTML 23Page - Analog Devices AD7873 Datasheet HTML 24Page - Analog Devices AD7873 Datasheet HTML 25Page - Analog Devices AD7873 Datasheet HTML 26Page - Analog Devices AD7873 Datasheet HTML 27Page - Analog Devices AD7873 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7873
Rev. D | Page 25 of 28
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package Option2
AD7873ARQ
–40°C to +85°C
± 2
RQ-16
AD7873ARQ-REEL
–40°C to +85°C
± 2
RQ-16
AD7873ARQ-REEL7
–40°C to +85°C
± 2
RQ-16
AD7873BRQ
–40°C to +85°C
± 1
RQ-16
AD7873BRQ-REEL
–40°C to +85°C
± 1
RQ-16
AD7873BRQ-REEL7
–40°C to +85°C
± 1
RQ-16
AD7873ARU
–40°C to +85°C
± 2
RU-16
AD7873ARU-REEL
–40°C to +85°C
± 2
RU-16
AD7873ARU-REEL7
–40°C to +85°C
± 2
RU-16
AD7873ARUZ-REEL3
–40°C to +85°C
± 2
RU-16
AD7873ARUZ-REEL73
–40°C to +85°C
± 2
RU-16
AD7873ACP
–40°C to +85°C
± 2
CP-16
AD7873ACP-REEL
–40°C to +85°C
± 2
CP-16
AD7873ACP-REEL7
–40°C to +85°C
± 2
CP-16
AD7873ACPZ3
–40°C to +85°C
± 2
CP-16
AD7873ACPZ-REEL3
–40°C to +85°C
± 2
CP-16
AD7873ACPZ-REEL73
–40°C to +85°C
± 2
CP-16
AD7873BCP
–40°C to +85°C
± 1
CP-16
AD7873BCP-REEL
–40°C to +85°C
± 1
CP-16
AD7873BCP-REEL7
–40°C to +85°C
± 1
CP-16
EVAL-AD7873CB4
Evaluation Board
EVAL-CONTROL BRD25
Controller Board
1 Linearity Error here refers to integral linearity error.
2 RQ = QSOP = 0.15” Quarter Size Outline Package; RU = TSSOP.
3 Z = Pb-free part.
4 This can be used as a standalone evaluation board or in conjunction with the Evaluation Board Controller for evaluation/demonstration purposes.
5 This Evaluation Board Controller is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com