Electronic Components Datasheet Search
  English  ▼

X  

AD8305 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8305
Description  100 dB Range (10 nA to 1 mA) Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8305 Datasheet HTML 12Page - Analog Devices AD8305 Datasheet HTML 13Page - Analog Devices AD8305 Datasheet HTML 14Page - Analog Devices AD8305 Datasheet HTML 15Page - Analog Devices AD8305 Datasheet HTML 16Page - Analog Devices AD8305 Datasheet HTML 17Page - Analog Devices AD8305 Datasheet HTML 18Page - Analog Devices AD8305 Datasheet HTML 19Page - Analog Devices AD8305 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. A
–18–
AD8305
OUTLINE DIMENSIONS
16-Lead Leadframe Chip-Scale Package [LFCSP]
3 mm
3 mm Body
(CP-16)
Dimensions shown in millimeters
1
0.50
BSC
0.60 MAX
PIN 1 INDICATOR
1.50 REF
0.50
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12 MAX
0.80 MAX
0.65 NOM
SEATING
PLANE
PIN 1
INDICATOR
1.00
0.90
0.80
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
2
3.00
BSC SQ
1.45
1.30
1.15
BOTTOM
VIEW
SQ
COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com