Electronic Components Datasheet Search
  English  ▼

X  

AD8305 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8305
Description  100 dB Range (10 nA to 1 mA) Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305 Datasheet(HTML) 4 Page - Analog Devices

  AD8305 Datasheet HTML 1Page - Analog Devices AD8305 Datasheet HTML 2Page - Analog Devices AD8305 Datasheet HTML 3Page - Analog Devices AD8305 Datasheet HTML 4Page - Analog Devices AD8305 Datasheet HTML 5Page - Analog Devices AD8305 Datasheet HTML 6Page - Analog Devices AD8305 Datasheet HTML 7Page - Analog Devices AD8305 Datasheet HTML 8Page - Analog Devices AD8305 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. A
–4–
AD8305–Typical Performance Characteristics
IPD – A
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
100n
1
10
100
1m
10m
–40 C
+25 C
+85 C
TA = –40 C, 0 C, +25 C, +70 C, +85 C
VN = 0V
1.6
0 C
+70 C
TPC 1. VLOG vs. IPD for Multiple Temperatures
IREF – A
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
100n
1
10
100
1m
10m
1.6
–40 C
0 C
+70 C
+25 C
+85 C
1.8
TA = –40 C, 0 C, +25 C, +70 C, +85 C
VN = 0V
TPC 2. VLOG vs. IREF for Multiple Temperatures
IPD – A
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
100n
1
10
100
1m
10m
1.6
1.8
10nA
100nA
1 A
10 A
100 A
1mA
TPC 3. VLOG vs. IPD for Multiple Values of IREF
(Decade Steps from 10 nA to 1 mA)
IPD – A
1.5
–2.0
1n
1.0
0.5
0
–0.5
–1.0
–1.5
10n
100n
1
10
100
1m
10m
–40 C
2.0
0 C
+70 C
+85 C
+25 C
TA = –40 C, 0 C, +25 C, +70 C, +85 C
VN = 0V
TPC 4. Law Conformance Error vs. IPD (at IREF = 10
mA)
for Multiple Temperatures, Normalized to 25
∞C
IREF – A
1.5
–2.0
1n
1.0
0.5
0
–0.5
–1.0
–1.5
10n
100n
1
10
100
1m
10m
–40 C
2.0
0 C
+70 C
+85 C
+25 C
TA = –40 C, 0 C, +25 C, +70 C, +85 C
VN = 0V
TPC 5. Law Conformance Error vs. IREF (at IPD = 10
mA)
for Multiple Temperatures, Normalized to 25
∞C
IPD – A
0.4
–0.3
1n
0.3
0.2
0.1
0
–0.1
–0.2
10n
100n
1
10
100
1m
10m
0.5
–0.4
–0.5
1 A
10 A
100 A
1mA
10nA
100nA
TPC 6. Law Conformance Error vs. IPD for Multiple
Values of IREF (Decade Steps from 10 nA to 1 mA)
(VP = 5 V, VN = 0 V, RREF = 200 k , TA = 25 C, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com