Electronic Components Datasheet Search
  English  ▼

X  

LPS61 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS61
Description  Total Power: 60 - 80 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS61 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS61 Datasheet HTML 1Page - Artesyn Technologies LPS61 Datasheet HTML 2Page - Artesyn Technologies LPS61 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS60 Series
60 Watts
Total Power: 60 - 80 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Remote sense
ƒ
Built in EMI filter
ƒ
Low output ripple
ƒ
Adjustable output voltage
ƒ
Overload protection
ƒ
110 KHz switching frequency
ƒ
RoHS compliant
ƒ
LPX60 enclosure kit available
SAFETY
ƒ
UL
UL 60950-1
CAN/CSA-C22.2 60950-1
E132002
ƒ
NEMKO
EN 60950-1
ƒ
CB
IEC 60950-1
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac (wide range)
120 - 300 Vdc
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 Vac, <36 A peak @230 Vac, cold start @ 25 °C
Input current
1.5 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted; EN55022
Class B conducted; VDE0878PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz; 264 Vac input
Output
Maximum power
60 W for convection; 80 W with 30 CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 60 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145% above peak rating
Overvoltage protection
5 V output; 5.7 - 6.7 Vdc.
Other outputs 10% to 25% above nominal output
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPS61

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS61 EMERSON-NETWORKPOWER-LPS61 Datasheet
121Kb / 3P
Universal input
More results

Similar Description - LPS61

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
LPS102-M ARTESYN-LPS102-M Datasheet
678Kb / 3P
Total Power: 80 - 150 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
Total Power: 55 - 60 Watts
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
Total Power: 80 - 130 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
Total Power: 60 - 80 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
Total Power: 60 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com