Electronic Components Datasheet Search
  English  ▼

X  

LPS61 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS61
Description  Total Power: 60 - 80 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS61 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS61 Datasheet HTML 1Page - Artesyn Technologies LPS61 Datasheet HTML 2Page - Artesyn Technologies LPS61 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPS60 Series Data Sheet
Environmental Specifications
Operating temperature
0° to 50 °C ambient derate each output as 2.5%
per degree from 50° to 70 °C, -20 °C startup
Storage temperature
-40 °C to +85 °C
Electromagnetic
susceptibility
Designed to meet IEC61000-4-2, -4-3, -4-4,
-4-5, -4-6, Level 3
Humidity
Operating; non-condensing 5% to 95% RH
Vibration
Three orthogonal axes, sweep at 1 cot/min,
5 min. dwell at four major resonances 0.75 G
peak 5 Hz to 500 Hz, operational
Temperature coefficient
±0.04% per °C
MTBF demonstrated
>550,000 hours at full load and 25 °C ambient
conditions
Power Derating Curve
Output
Power
(Watts)
0°C
20W
40W
60W
80W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
40W
30W
30 CFM Forced Air Cooling
Mechanical Drawings
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
0.22"
(5.6)
4.56"
(115.8)
5.00"
(127)
1.65"
(41.9)
0.12"
(3)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
3
1
N
L
M1
M2
Remote Sense
Connector
_+
SK201
Voltage
Adj. Pot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com