Electronic Components Datasheet Search
  English  ▼

X  

CX4HT-EXT Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CX4HT-EXT
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX4HT-EXT Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CX4HT-EXT Datasheet HTML 1Page - IQD Frequency Products Ltd CX4HT-EXT Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX4HT EXT
Quartz Crystal Specification
Ordering Information
Minimum Required*
Frequency*
Model*
Termination*
Freqency Tolerance*
Operating Temperature Range
Load Capacitance
Example:
1.0MHz CX4HT EXT-SM1
±1000ppm 25 to 200C 9 FUND
Compliance
Optional
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tray pack
Pack Style: Tray
Pack Size: 1
Tape and reel in accordance with
EAI-481-D
Pack Style: Reel
Pack Size: 1,000
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min)
Over Tone Order
ESR
°C
ppm
Ω
600.0kHz
2.5MHz
25 to 200
Fundamental
-
*Stability Maximum values ±0ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 25 Apr 16 11:40 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com