Electronic Components Datasheet Search
  English  ▼

X  

CX4HT-EXT Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CX4HT-EXT
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX4HT-EXT Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CX4HT-EXT Datasheet HTML 1Page - IQD Frequency Products Ltd CX4HT-EXT Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX4HT EXT
Quartz Crystal Specification
ISSUE 1; January 2016
Outline (mm) -SM1 = Gold plated (RoHS)
Description
An increasing number of applications require the use of high
temperature crystals. For these applications, IQD offers the
Statek CX4HT EXT crystal. These crystals are designed to
operate at temperatures up to 200ºC, and feature an expected
life in excess of 1,000 hours at these temperatures. The
frequency range offered is 600kHz to 2.5MHz
-SM1 Gold plated (RoHS)
-SM5 Solder dipped (RoHS)
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
600.0kHz to 2.5MHz
±500.00ppm to ±10,000.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±5ppm max in 1st year
Ageing
Temperature Coefficient: -0.035ppm/°C²
Note: Frequency f at temperature T is related to frequency fo
at
turning point temperature To by: f-fo = k(T-To)²
----
fo
Electrical Parameters
9.0pF
Load Capacitance (CL)
2pF max
Shunt Capacitance (C0)
3µW max
Drive Level
Motional Resistance: 300Ω @ 600kHz
Motional Capacitance: 2.3fF @ 32.768kHz
Quality Factor: 18k @ 32.768kHz
Motional Resistance: 500Ω @ 1.8432MHz
Motional Capacitance: 1.0fF @ 100kHz
Quality Factor: 31k @ 100kHz
Turning Point: 35°C
Functional Mode: Extensional
Operating Temperature Ranges
25 to 200°C
Environmental Parameters
Typical Expected Lifetime: 1000hrs @ 200°C
Shock: 1500G, 0.3ms, 1/2 sine
Vibration: 10G rms, 20-1000Hz, random
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20sec
Printed on 25 Apr 16 11:39 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CX4HT-EXT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX4HT-AT IQD-CX4HT-AT Datasheet
155Kb / 2P
Quartz Crystal Specification
More results

Similar Description - CX4HT-EXT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
Quartz Crystal Specification
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com