Electronic Components Datasheet Search
  English  ▼

X  

ADG813 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG813
Description  0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG813 Datasheet(HTML) 5 Page - Analog Devices

  ADG813 Datasheet HTML 1Page - Analog Devices ADG813 Datasheet HTML 2Page - Analog Devices ADG813 Datasheet HTML 3Page - Analog Devices ADG813 Datasheet HTML 4Page - Analog Devices ADG813 Datasheet HTML 5Page - Analog Devices ADG813 Datasheet HTML 6Page - Analog Devices ADG813 Datasheet HTML 7Page - Analog Devices ADG813 Datasheet HTML 8Page - Analog Devices ADG813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG811/ADG812/ADG813
Rev. A | Page 5 of 16
Table 3. VDD = 1.65 V to 1.95 V, GND = 0 V, unless otherwise noted1
Parameter
+25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
1
Ω typ
VDD = 1.8 V, VS = 0 V to VDD, IS = 10 mA;
1.4
2.2
2.2
Ω max
Figure 18
2.5
4
4
Ω max
VDD = 1.65 V, VS = 0 V to VDD, IS = 10 mA
On Resistance Match between
Channels (∆RON)
0.1
Ω typ
VDD = 1.65 V, VS = 0.7 V, IS = 10 mA
LEAKAGE CURRENTS
VDD = 1.95 V
Source Off Leakage IS (OFF)
±0.2
nA typ
VS = 0.6 V/1.65 V, VD = 1.65 V/0.6 V;
±1
±5
±30
nA max
Figure 19
Drain Off Leakage ID (OFF)
±0.2
nA typ
VS = 0.6 V/1.65 V, VD = 1.65 V/0.6 V;
±1
±5
±30
nA max
Figure 19
Channel On Leakage ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 1.65 V; Figure 20
±1
±9
±60
nA max
DIGITAL INPUTS
Input High Voltage, VINH
0.65VDD
V min
Input Low Voltage, VINL
0.35VDD
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
6
pF typ
DYNAMIC CHARACTERISTICS2
tON
27
ns typ
RL = 50 Ω, CL = 35 pF
35
36
37
ns max
VS = 1.5 V/ 0 V; Figure 21
tOFF
6
ns typ
RL = 50 Ω, CL = 35 pF
8
9
10
ns max
VS = 1.5 V; Figure 21
Break-Before-Make Time Delay (tBBM)
20
ns typ
RL = 50 Ω, CL = 35 pF
(ADG813 only)
5
ns min
VS1 = VS2 = 1 V; Figure 22
Charge Injection
15
pC typ
VS = 1 V, RS = 0 Ω, CL = 1 nF;
Figure 23
Off Isolation
–67
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 24
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
Figure 26
Total Harmonic Distortion (THD + N)
0.14
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 1.2 V p-p
Insertion Loss
–0.08
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz
–3 dB Bandwidth
90
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 25
CS (OFF)
32
pF typ
CD (OFF)
38
pF typ
CD, CS (ON)
60
pF typ
POWER REQUIREMENTS
VDD = 1.95 V
IDD
0.003
µA typ
Digital inputs = 0 V or 1.95 V
1.0
4
µA max
1Temperature range for the Y version is –40°C to +125°C.
2Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com