Electronic Components Datasheet Search
  English  ▼

X  

ADG813 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG813
Description  0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG813 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG813 Datasheet HTML 2Page - Analog Devices ADG813 Datasheet HTML 3Page - Analog Devices ADG813 Datasheet HTML 4Page - Analog Devices ADG813 Datasheet HTML 5Page - Analog Devices ADG813 Datasheet HTML 6Page - Analog Devices ADG813 Datasheet HTML 7Page - Analog Devices ADG813 Datasheet HTML 8Page - Analog Devices ADG813 Datasheet HTML 9Page - Analog Devices ADG813 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG811/ADG812/ADG813
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4. TA = 25°C, unless otherwise noted
Parameter
Rating
VDD to GND
–0.3 V to +4.6 V
Analog Inputs1
–0.3 V to VDD + 0.3 V
Digital Inputs1
GND – 0.3 V to 4.6 V or 10 mA,
whichever occurs first
Peak Current, S or D
(Pulsed at 1 ms,
10% Duty Cycle Max)
3.3 V Operation
500 mA
2.5 V Operation
460 mA
1.8 V Operation
420 mA
Continuous Current, S or D
3.3 V Operation
300 mA
2.5 V Operation
275 mA
1.8 V Operation
250 mA
Operating Temperature Range
Automotive (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
150°C/W
θJC Thermal Impedance
27°C/W
IR Reflow, Peak Temperature
<20 sec
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table 5. ADG811/ADG812 Truth Table
ADG811 IN
ADG812 IN
Switch Condition
0
1
On
1
0
Off
Table 6. ADG813 Truth Table
Logic
Switch 1, Switch 4
Switch 2, Switch 3
0
Off
On
1
On
Off
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com