Electronic Components Datasheet Search
  English  ▼

X  

ADR540 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR540
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR540 Datasheet HTML 3Page - Analog Devices ADR540 Datasheet HTML 4Page - Analog Devices ADR540 Datasheet HTML 5Page - Analog Devices ADR540 Datasheet HTML 6Page - Analog Devices ADR540 Datasheet HTML 7Page - Analog Devices ADR540 Datasheet HTML 8Page - Analog Devices ADR540 Datasheet HTML 9Page - Analog Devices ADR540 Datasheet HTML 10Page - Analog Devices ADR540 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 7 of 16
PARAMETER DEFINITIONS
TEMPERATURE COEFFICIENT
Temperature coefficient is defined as the change in output
voltage with respect to operating temperature changes, and is
normalized by an output voltage of 25°C. This parameter is
expressed in ppm/°C, and is determined by the following
equation:
()
( )
()
()
6
10
25
×
−
×
°
−
=
⎥⎦
⎤
⎢⎣
⎡
°
1
2
O
1
O
2
O
O
T
T
C
V
T
V
T
V
C
ppm
TCV
(1)
where:
VO(25°C) = VO at 25°C.
VO(T1) = VO at Temperature 1.
VO(T2) = VO at Temperature 2.
THERMAL HYSTERESIS
Thermal hysteresis is defined as the change in output voltage
after the device is cycled through temperatures ranging from
+25°C to –40°C, then to +85°C, and back to +25°C. The
following equation expresses a typical value from a sample of
parts put through such a cycle:
(
)
[]
()
()
6
_
_
_
_
10
25
25
25
×
°
−
°
=
−
°
=
C
V
V
C
V
ppm
V
V
C
V
V
O
TC
O
O
HYS
O
TC
O
O
HYS
O
(2)
where:
VO(25°C) = VO at 25°C.
VO_TC = VO at 25°C after a temperature cycle from +25°C to
–40°C, then to +85°C, and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com