Electronic Components Datasheet Search
  English  ▼

X  

ADR540 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR540
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR540 Datasheet HTML 4Page - Analog Devices ADR540 Datasheet HTML 5Page - Analog Devices ADR540 Datasheet HTML 6Page - Analog Devices ADR540 Datasheet HTML 7Page - Analog Devices ADR540 Datasheet HTML 8Page - Analog Devices ADR540 Datasheet HTML 9Page - Analog Devices ADR540 Datasheet HTML 10Page - Analog Devices ADR540 Datasheet HTML 11Page - Analog Devices ADR540 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
MINIMAL OPERATING CURRENT (
µA)
025
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
75
100
ADR550
ADR540
ADR530
ADR525
ADR520
TA = 25°C
Figure 2. Reverse Characteristics and Minimum Operating Current
IIN (mA)
06
3
8
1
2
3
4
5
6
7
0
912
15
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. ADR520 Reverse Voltage vs. Operating Current
IIN (mA)
03
8
TA = –40°C
TA = +85°C
TA = +25°C
0
2
4
6
–2
915
612
Figure 4. ADR525 Reverse Voltage vs. Operating Current
IIN (mA)
06
8
TA = +85°C
TA = +25°C
1
2
3
4
5
6
7
0
12
15
39
TA = –40°C
Figure 5. ADR550 Reverse Voltage vs. Operating Current
VIN = 2V/DIV
VOUT = 1V/DIV
4
µs/DIV
IIN = 10mA
TIME (
µs)
Figure 6. ADR525 Turn-On Response
VIN = 2V/DIV
VOUT = 1V/DIV
4
µs/DIV
IIN = 100µA
TIME (
µs)
Figure 7. ADR525 Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com