Electronic Components Datasheet Search
  English  ▼

X  

HV892 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV892
Description  Inductorless Liquid Lens Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV892 Datasheet(HTML) 1 Page - Supertex, Inc

  HV892 Datasheet HTML 1Page - Supertex, Inc HV892 Datasheet HTML 2Page - Supertex, Inc HV892 Datasheet HTML 3Page - Supertex, Inc HV892 Datasheet HTML 4Page - Supertex, Inc HV892 Datasheet HTML 5Page - Supertex, Inc HV892 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
HV892
Doc.# DSFP-HV892
A042314
Features
► Drives capacitive loads up to 200pF
► Programmable drive amplitude
(compatible with 40V
RMS to 60VRMS lenses)
► On-chip boost converter
► No external inductor
► I2C interface
► Low operating current (≤20mA)
► Low standby current (≤1.0µA)
► Controlled drive edge reduces EMI
► 10-Lead 4x4mm DFN Package
Applications
► Cell phone cameras
► PDA and ultracompact cameras
► Bar code readers
► Web and laptop cameras
Typical Application Circuit
Inductorless
Liquid Lens Driver
General Description
The HV892 liquid lens driver is controlled via an I2C interface,
is capable of driving capacitive loads of up to 200pF, and is
compatible with 40V
RMS to 60VRMS lenses.
A single byte (AMP) written to the HV892 controls the operation
of the driver. Setting AMP = 01h to FFh controls output amplitude
in 255 monotonic steps. Setting AMP = 00h causes the HV892
to go into low power standby mode, consuming less than 1.0µA.
When active, the HV892 draws less than 20mA.
A charge pump boost converter integrated on-chip provides the
high voltage necessary for driving the lens. No external inductors
or diodes are needed. Two ceramic chip capacitors are the only
external components required for a complete lens driver circuit.
An H-bridge output stage provides AC drive to the lens, allowing
the use of a single high voltage boost converter while providing
alternating polarity to the lens. Controlled rising and falling edges
on the drive waveform reduces EMI.
The HV892 is offered in a 10-Lead 4x4mm DFN package.
VDD
SDA
SCL
GND1
VIN
HV
OUT1
OUT2
I2C bus
HV892
GND2
C
HV
4.7nF 100V
V
DD
1.7 - 2.95V
V
IN
2.65 - 5.5V
C
IN
2.2F 6.3V
Liquid Lens
100 - 200pF


Similar Part No. - HV892

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HV892 SIRECTIFIER-HV892 Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
HV892K7-G SIRECTIFIER-HV892K7-G Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
More results

Similar Description - HV892

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
High Voltage, Low Noise, Inductorless EL Lamp Driver
logo
Sirectifier Semiconduct...
HV892 SIRECTIFIER-HV892 Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
logo
Supertex, Inc
HV895 SUTEX-HV895 Datasheet
498Kb / 5P
Liquid Lens Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
High Voltage,Low Noise,Inductorless EL Lamp Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
High-Voltage Liquid Lens Driver
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com