Electronic Components Datasheet Search
  English  ▼

X  

HV892 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV892
Description  Inductorless Liquid Lens Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV892 Datasheet(HTML) 5 Page - Supertex, Inc

  HV892 Datasheet HTML 1Page - Supertex, Inc HV892 Datasheet HTML 2Page - Supertex, Inc HV892 Datasheet HTML 3Page - Supertex, Inc HV892 Datasheet HTML 4Page - Supertex, Inc HV892 Datasheet HTML 5Page - Supertex, Inc HV892 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV892
Supertex inc.
www.supertex.com
Doc.# DSFP-HV892
A042314
Pin Functions
Pin
Name
Description
1
GND1
Ground for the DC–DC converter. Connect GND1 and GND2 together close to the IC.
2
VIN
Input voltage. Bypass with a 2.2µF capacitor to GND1.
3
SCL
Clock for the I2C interface. The HV892 is a Fast Mode device (f
SCL ≤ 400kHz).
4
SDA
Serial data for the I2C interface. The HV892 is a write-only device, with a single 8-bit command byte
(AMP, see page 4).
5
VDD
Externally supplied reference voltage for the I2C logic levels. Connect to the I2C bus supply.
6
GND2
Ground for the IC except the DC-DC converter. Connect GND1 and GND2 together close to the IC.
7
OUT2
Outputs of the H-bridge driver. The liquid lens connects between these two pins.
When disabled (AMP = 00h), both of these outputs are held at ground.
8
OUT1
9
NC
Not connected.
10
HV
High voltage DC output of the internal boost converter. Connect a 4.7nF, 100V ceramic capacitor to
ground close to the IC.
Exposed backside pad is at ground potential and should be connected to circuit ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com