Electronic Components Datasheet Search
  English  ▼

X  

AS2214 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS2214
Description  Primary Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2214 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS2214 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AS2214
Primary Side PWM Controller
ASTEC Semiconductor
86
Pin Function Description
Pin Number
Function
Description
1VCC
Positive supply voltage for the IC.
2VREG
Output of 5V series regulator.
3
COMP
This pin is the error amplifier output. Typically used to provide loop compensation to
maintain VFB at 2.5 V.
4VFB
Inverting input of the error amplifier. The non-inverting input is a trimmed 2.5 V
bandgap reference.
5
ISNS
A voltage proportional to inductor current is connected to this pin. The PWM uses this
information to terminate the gate drive of the output.
6
SS
This pin provides a 6
µA current source to linearly charge an external capacitor. This pin
is compared to the RAMP pin in the soft start comparator, terminating output pulses when
RAMP goes above the SS voltage.
7
RAMP
This pin is a level-shifted and buffered oscillator signal used to provide slope compensa-
tion to the current sense signal. The pin also serves as the non-inverting input of the soft-
start comparator.
8
RT/CT
Oscillator frequency and maximum duty cycle are set by connecting a resistor (RT) to
VREG and a capacitor (CT) to ground.
9
OV
This pin latches SS low when pulled above 2.5 V. The latch can be reset by pulling
OV above 4 V then back to ground.
10
ACP
This pin detects the presence of AC signal and drives LEN high.
11
LEN
This pin must be high to enable starting. The pin can also clear all latches by going low
then high.
12
BOK
This pin monitors the bulk voltage through a resistor divider and, when BOK exceeds
2.5 V, provides a 50
µA current source for hysteresis. When BOK drops below 2.5V, SS
is pulled low and the hysteresis current is turned off. Auto-restart after a brown-out is
possible.
13
GND
Circuit common ground.
14
OUT
This totem pole output is designed to directly drive a power MOSFET switch capable of
sourcing and sinking peak currents up to 1 A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com