Electronic Components Datasheet Search
  English  ▼

X  

AS2214 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS2214
Description  Primary Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2214 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  AS2214 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AS2214
Primary Side PWM Controller
ASTEC Semiconductor
90
Electrical Characteristics (cont’d)
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 15 V;
BOK = 3 V; OV = 0V; RT = 680
Ω; CT = 10 nF. To override UVLO, VCC should be raised above 18 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Under Voltage Lockout
Startup Threshold
VCC (ON)
12.5
14.0
15.8
V
Minimum Operating Voltage
VCC (OFF)
7.3
8.0
8.5
V
after Trun-on
Startup Current
ICC
VCC = 12 V; VACP = VLEN = 0 V
2
10
µA
Startup Current
ICC
VCC = 12V; IACP = 5
µA
225
300
µA
Operating Supply Current
ICC
12
20
mA
Maximum Operating Supply
VCC Max
18
V
Voltage
Output Impedance to GND in
ZOUT
VCC = 6 V
22.0
k
Ω
UVLO State
Output
Output Low Level
VOL
ISINK = 20 mA
0.1
0.4
V
Output Low Level
VOL
ISINK = 150 mA
1.5
2.2
V
Output High Level
VOH
ISOURCE = 20 mA
13
13.5
V
Output High Level
VOH
ISOURCE = 150 mA
12
13
V
Rise Time
tR
CL = 1 nF
50
150
ns
Fall Time
tF
CL = 1 nF
50
150
ns
Maximum Duty Cycle
DMAX
94
97
100
%
Minimum Duty Cycle
DMIN
0
%
ASTEC reserves the right to make changes without further notice to any products described herein to improve reliability, function, or
design. ASTEC does not assume any liability arising out of the application or use of any product or circuit described herein; neither does
it convey any license under its patent rights or the rights of others. ASTEC products are not authorized for use as components in life
support devices or systems intended for surgical implant into the body or intended to support or sustain life. Buyer agrees to notify
ASTEC of any such intended end use whereupon ASTEC will determine availability and suitability of its products for the intended use.
ASTEC and the ASTEC logo are trademarks of ASTEC (BSR) PLC.
ASTEC SEMICONDUCTOR
255 Sinclair Frontage Road • Milpitas, California 95035 • Tel. (408) 263-8300 • FAX (408) 263-8340



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com