Electronic Components Datasheet Search
  English  ▼

X  

AS3842 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS3842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3842 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS3842 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
ASTEC Semiconductor
AS384x
Current Mode Controller
Electrical Characteristics (contÕd)
Electrical characteristics are guaranteed over full junction temperature range (0 to 105¡C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. The conditions are: V
CC = 15 V, RT = 10 k½, and CT = 3.3 nF, unless
otherwise stated. To override UVLO, V
CC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PWM
Maximum Duty Cycle
D
max
3842/3
94
97
100
%
Minimum Duty Cycle
D
min
3842/3
0
%
Maximum Duty Cycle
D
max
3844/5
49
49.5
50
%
Minimum Duty Cycle
D
min
3844/5
0
%
Supply Current
Start-up Current
I
CC
3842/4, V
FB = VSENSE = 0 V, VCC = 14 V
0.5
1.0
mA
3843/5, V
FB = VSENSE = 0 V, VCC = 7 V
0.3
0.5
mA
Operating Supply Current
I
CC
9
17
mA
V
CC Zener Voltage
V
Z
I
CC = 25 mA
30
V
Notes:
1. This parameter is not 100% tested in production.
2. Parameter measured at trip point of PWM latch.
3. Transfer gain is the relationship between current sense input and corresponding error amplifier output at the PWM latch trip point
and is mathematically expressed as follows:
4. At the over-temperature threshold, T
OT, the oscillator is disabled. The 5 V reference and the PWM stages, including the PWM latch,
remain powered.
=
Ð
A
I
V
V
COMP
SENSE
≤
≤
∆
∆
;
0.2
V
0.8
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com