Electronic Components Datasheet Search
  English  ▼

X  

AS3842 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS3842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3842 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3842 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
ASTEC Semiconductor
Application Information
The AS3842/3/4/5 family of current-mode control
ICs are low cost, high performance controllers
which are pin compatible with the industry stan-
dard UC3842 series of devices. Suitable for
many switch mode power supply applications,
these ICs have been optimized for use in high
frequency off-line and DC-DC converters. The
AS3842 has been enhanced to provide signifi-
cantly improved performance, resulting in excep-
tionally better tolerances in power supply
manufacturing. In addition, all electrical charac-
teristics are guaranteed over the full 0 to 105¡C
temperature range. Among the many enhance-
ments are: a precision trimmed 2.5 volt reference
(+/Ð 1% of nominal at the error amplifier input), a
significantly reduced propagation delay from cur-
rent sense input to the IC output, a trimmed oscil-
lator for precise duty-cycle clamping, a modified
flip-flop scheme that gives a true 50% duty ratio
clamp on 3844/45 types, and an improved 5 V
regulator for better AC noise immunity. Further-
more, the AS3842 provides guaranteed perfor-
mance with current sense input below ground.
The advanced oscillator design greatly simplifies
synchronization. The device is more completely
specified to guarantee all parameters that impact
power supply manufacturing tolerances.
Section 1 Ð Theory of Operation
The functional block diagram of the AS3842 is
shown in Figure 1. The IC is comprised of the six
basic functions necessary to implement current
mode control; the under-voltage lockout; the refer-
ence; the oscillator; the error amplifier; the current
sense comparator/PWM latch; and the output.
The following paragraphs will describe the theory
of operation of each of the functional blocks.
1.1 Under-voltage lockout (UVLO)
The under-voltage lockout function of the
AS3842 holds the IC in a low quiescent current
(² 1 mA) ÒstandbyÓ mode until the supply voltage
(V
CC) exceeds the upper UVLO threshold volt-
age. This guarantees that all of the ICÕs internal
circuitry are properly biased and fully functional
before the output stage is enabled. Once the IC
turns on, the UVLO threshold shifts to a lower
level (hysteresis) to prevent V
CC oscillations.
The low quiescent current standby mode of the
AS3842 allows ÒbootstrappingÓÐÑa technique
used in off-line converters to start the IC from the
rectified AC line voltage initially, after which power
to the IC is provided by an auxiliary winding off the
power supplyÕs main transformer. Figure 14 shows
a typical bootstrap circuit where capacitor (C) is
AS384x
Current Mode Controller
+
R <
V
DC MIN
1 mA
R
+
>1 mA
16 V/10 V (3842/4)
8.4 V/7.8 V (3843/5)
OUT
6
IC ENABLE
AC LINE
C
AS384x
7
V
CC
5
GND
AUX
PRI
SEC
V
DC
Figure 14. Bootstrap Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com