Electronic Components Datasheet Search
  English  ▼

X  

AS3844 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS3844
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3844 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS3844 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ASTEC Semiconductor
AS384x
Current Mode Controller
Electrical Characteristics
Electrical characteristics are guaranteed over full junction temperature range (0 to 105¡C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. The conditions are: V
CC = 15 V, RT = 10 k½, and CT = 3.3 nF, unless
otherwise stated. To override UVLO, V
CC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
5 V Regulator
Output Voltage
V
REG
T
J = 25¡C, IREG = 1 mA
4.95
5.00
5.05
V
Line Regulation
PSRR
12 ² V
CC ² 25 V
2
10
mV
Load Regulation
1 ² I
REG ² 20 mA
2
10
mV
Temperature Stability1
TC
REG
0.2
0.4
mV/¡C
Total Output Variation1
Line, load, temperature
4.85
5.15
V
Long-term Stability1
Over 1,000 hrs at 25¡C
5
25
mV
Output Noise Voltage
V
NOISE
10 Hz ² f ² 100 kHz, T
J = 25¡C
50
µV
Short Circuit Current
I
SC
30
100
180
mA
2.5 V Internal Reference
Nominal Voltage
V
FB
T = 25¡C; I
REG = 1 mA
2.475
2.500
2.525
V
Line Regulation
PSRR
12 V ² V
CC ² 25 V
2
5
mV
Load Regulation
1 ² I
REG ² 20 mA
2
5
mV
Temperature Stability1
TC
VFB
0.1
0.2
mV/¡C
Total Output Variation1
Line, load, temperature
2.450
2.500
2.550
V
Long-term Stability1
Over 1,000 hrs at 125¡C
2
12
mV
Oscillator
Initial Accuracy
f
OSC
T
J = 25¡C
47
52
57
kHz
Voltage Stability
12 V ² V
CC ² 25 V
0.2
1
%
Temperature Stability1
TC
f
T
MIN ² TJ ² TMAX
5
%
Amplitude
f
OSC
V
RT/CT peak-to-peak
1.6
V
Upper Trip Point
V
H
2.9
V
Lower Trip Point
V
L
1.3
V
Sync Threshold
V
SYNC
400
600
800
mV
Discharge Current
I
D
7.5
8.7
9.5
mA
Duty Cycle Limit
R
T = 680 ½, CT = 5.3 nF, TJ = 25¡C
46
50
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com