Electronic Components Datasheet Search
  English  ▼

X  

AS3844 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AS3844
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3844 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AS3844 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS3844 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
ASTEC Semiconductor
latch is still fully operative, and the normal termi-
nation of this cycle by the current sense com-
parator will latch the output low until the
over-temperature condition is rectified. Cycling
the power will reset the over-temperature disable
mechanism, or the chip will re-start after cooling
through a nominal hysteresis band.
Section 2 Ð Design Considerations
2.1 Leading edge filter
The current sensed by R
S contains a leading
edge spike as shown in Figure 20. This spike is
caused by parasitic elements within the circuit
including the interwinding capacitance of the
power transformer and the recovery characteris-
tics of the rectifier diode(s). The spike, if not prop-
erly filtered, can cause stability problems by
prematurely terminating the output pulse.
A simple RC filter is used to suppress the spike.
The time constant should be chosen such that it
approximately equals the duration of the spike. A
good choice for R
1 is 1 k½, as this value is opti-
mum for the filter and at the same time, it simpli-
fies the determination of R
SLOPE (Section 2.2). If
the duration of the spike is, for example, 100 ns,
then C is determined by:
(6)
2.2 Slope compensation
Current-mode controlled converters can experi-
ence instabilities or subharmonic oscillations
AS384x
Current Mode Controller
T
0
D
1
D
2
T
1
I
PK
V
e
I
L2
I
L1
I
AVG 2
I
AVG 1
m
2
(a)
T
0
D
1
D
2
T
1
V
e
∆I
m
2
(b)
∆I'
T
0
D
1
D
2
T
1
V
COMP
I
L2
I
L1
I
AVG 1 = IAVG 2
m
2
(c)
m = m
2/2
T
0
D
1
D
2
T
1
∆I
m
2
(d)
∆I'
V
COMP
m = m
2/2
Figure 22. Slope Compensation
C
=
=
=
Time Constant
k
ns
k
pF
1
100
1
100
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com