Electronic Components Datasheet Search
  English  ▼

X  

KSD880W Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KSD880W
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSD880W Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSD880W Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSD880W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
KSD880W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3.0A; IB= 300mA
1
V
VBE(on)
Base-Emitter On Voltage
IC= 0.5A; VCE=5V
1
V
ICBO
Collector Cutoff Current
VCB= 60V; IE= 0
100
μ
A
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
100
μ
A
hFE1
DC Current Gain
IC= 0.5A; VCE= 5V
60
200
hFE2
DC Current Gain
IC= 3A; VCE= 5V
20
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 5V
9
MHz
Cob
Collector output capacitance
VCB=10V ,IE=0,f=1MHz
150
pF
hFE-1 Classifications
O
Y
60-120
100-200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com