Electronic Components Datasheet Search
  English  ▼

X  

KSD880W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KSD880W
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSD880W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KSD880W Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSD880W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
KSD880W
DESCRIPTION
·
Complement to KSB834W
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Low frequency power amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
3
A
PC
Total Power Dissipation
@ Ta=25℃
1.5
W
PC
Total Power Dissipation
@ TC=25℃
30
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - KSD880W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD880 FAIRCHILD-KSD880 Datasheet
59Kb / 4P
Low Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD880 ISC-KSD880 Datasheet
277Kb / 2P
isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD880O FAIRCHILD-KSD880O Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
More results

Similar Description - KSD880W

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com