Electronic Components Datasheet Search
  English  ▼

X  

DER Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # DER
Description  High Capacitance ??Very fast charge/discharge ??High power density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

DER Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  DER Datasheet HTML 1Page - Illinois Capacitor, Inc. DER Datasheet HTML 2Page - Illinois Capacitor, Inc. DER Datasheet HTML 3Page - Illinois Capacitor, Inc. DER Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES High Capacitance – Very fast charge/discharge – High power density
APPLICATIONS
Battery backup/ alternative – LED Displays – DC/DC converters –
Pulse power
Operating Temperature Range
-25°C to +70°C
Storage Temperature
-40°C to +70°C
Capacitance Tolerance
+50%/-20% @ 25°C
Surge voltage
WVDC
2.5
SVDC
2.7
Maximum Current
See standard part listing
0.5*WVDC/(ESRDC+(1/C))
Leakage Current
See standard part listing
72 hours,25°C
Life time
1000 hours at rated voltage and 70°C
Capacitance change
+30% of initially measured values
ESR
<200% of initially specified values
Life cycles
( 25°C) 1 cycle= Charge to WVDC for 20s,
constant voltage charging for 10s, discharge
to ½ WVDC for 20s, rest for 10 s
500,000 cycles
Capacitance change
+30% of initially measured values
ESR
<200% of initially specified values
D= 8 to 18mm
Lead spacing VS. Case diameter
D
8(L>20)
8(L>20)
10
16
18
S
3.5
3.5
5.0
7.5
7.5
d
0.5
0.6
0.6
0.8
0.8
L1=L+1.5mm
D1=D+05mm
S1=S+0.5mm


Similar Part No. - DER

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
10W Compact Power Supply using TOP245R
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
7.2 W Dual Output Power Supply using TNY267G
More results

Similar Description - DER

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105DCN2R7S ILLINOISCAPACITOR-105DCN2R7S Datasheet
247Kb / 3P
Very fast charge/discharge High power density IEC 62391 compliant
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
high speed charge-discharge
logo
STMicroelectronics
STS9P2UH7 STMICROELECTRONICS-STS9P2UH7 Datasheet
554Kb / 15P
Very low capacitance and gate charge
12-Jan-2015
logo
Illinois Capacitor, Inc...
DCN ILLINOISCAPACITOR-DCN Datasheet
334Kb / 5P
Very fast charge/discharge ??High power density ??IEC 62391
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
Very fast charge/discharge ??High power density ??IEC 62391
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
High power density
logo
World Produts Inc.
PCPW245 WPI-PCPW245 Datasheet
243Kb / 11P
High capacitance density
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
20W fast charge and discharge fully integrated power management chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com