Electronic Components Datasheet Search
  English  ▼

X  

DER Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # DER
Description  High Capacitance ??Very fast charge/discharge ??High power density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

DER Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  DER Datasheet HTML 1Page - Illinois Capacitor, Inc. DER Datasheet HTML 2Page - Illinois Capacitor, Inc. DER Datasheet HTML 3Page - Illinois Capacitor, Inc. DER Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DER
Radial lead, +70°C
Capacitance
(F)
WVDC
IC PART NUMBER
Weight
(grams)
Volume
(mL)
Dims
DxL
(mm)
Lead
Spacing
S
(mm)
Lead
Diameter
d
(mm)
10.0
2.3
106DCR2R3SGU
2
1.5708
10x20
5
0.6
22.0
2.3
226DCR2R3STU
3.45
2.4544
12.5x20
5
0.6
30.0
2.3
306DCR2R3STV
3.8
3.068
12.5x25
5
0.6
50.0
2.3
506DCR2R3SKV
7
5.0265
16x25
7.5
0.8
70.0
2.3
706DCR2R3SKY
8.35
7.0372
16x35
7.5
0.8
120.0
2.3
127DCR2R3SLZ
13.3
10.179
18x40
7.5
0.8
220.0
2.3
227DCR2R3SNI
25
17.866
22x47
10
0
400.0
2.3
407DCR2R3SDG
66.31
31.809
30x45
10
0
600.0
2.3
607DCR2R3SDZ
67.15
42.412
30x60
10
0
800.0
2.3
807DCR2R3SEK
73.54
67.348
35x70
10
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com