Electronic Components Datasheet Search
  English  ▼

X  

CLC1015 Datasheet(PDF) 5 Page - Exar Corporation

Part # CLC1015
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1015 Datasheet(HTML) 5 Page - Exar Corporation

  CLC1015 Datasheet HTML 1Page - Exar Corporation CLC1015 Datasheet HTML 2Page - Exar Corporation CLC1015 Datasheet HTML 3Page - Exar Corporation CLC1015 Datasheet HTML 4Page - Exar Corporation CLC1015 Datasheet HTML 5Page - Exar Corporation CLC1015 Datasheet HTML 6Page - Exar Corporation CLC1015 Datasheet HTML 7Page - Exar Corporation CLC1015 Datasheet HTML 8Page - Exar Corporation CLC1015 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2007-2015 Exar Corporation
5 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Electrical Characteristics at +5V Continued
TA = 25°C, VS = +5V, Rf = 2kΩ, RL = 2kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Characteristics
VOUT
Output Swing
RL = 10kΩ to VS / 2
0.027 to
4.97
V
RL = 2kΩ to VS / 2
0.036 to
4.953
V
RL = 150Ω to VS / 2
0.3
0.12 to
4.8
4.625
V
IOUT
Output Current
±55
mA
-40°C to +85°C
±50
mA
ISC
Short Circuit Current
VOUT = VS / 2
±85
mA
VS
Power Supply Operating Range
2.5
5
5.5
V
Notes:
1. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com