Electronic Components Datasheet Search
  English  ▼

X  

CLC1015 Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC1015
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1015 Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC1015 Datasheet HTML 4Page - Exar Corporation CLC1015 Datasheet HTML 5Page - Exar Corporation CLC1015 Datasheet HTML 6Page - Exar Corporation CLC1015 Datasheet HTML 7Page - Exar Corporation CLC1015 Datasheet HTML 8Page - Exar Corporation CLC1015 Datasheet HTML 9Page - Exar Corporation CLC1015 Datasheet HTML 10Page - Exar Corporation CLC1015 Datasheet HTML 11Page - Exar Corporation CLC1015 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2007-2015 Exar Corporation
8 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Typical Performance Characteristics
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 2kΩ; unless otherwise noted.
Frequency Response vs CL
Large Signal Frequency Response
Non-Inverting Frequency Response VS = +2.7V
Inverting Frequency Response VS = +2.7V
Non-Inverting Frequency Response VS = +5V
Inverting Frequency Response VS = +5V
Frequency (MHz)
0.1
1
G = 10
Rf = 2kΩ
10
100
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Frequency (MHz)
1
10
100
0.1
G = 10
Rf = 2kΩ
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Frequency (MHz)
0.1
1
10
100
CL = 100pF
Rs = 25Ω
CL = 50pF
Rs = 33Ω
CL = 20pF
Rs = 20Ω
CL = 10pF
Rs = 0Ω
+
-
1kW
1kW
Rs
CL
RL
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com