Electronic Components Datasheet Search
  English  ▼

X  

CLC2005 Datasheet(PDF) 19 Page - Exar Corporation

Part # CLC2005
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2005 Datasheet(HTML) 19 Page - Exar Corporation

Back Button CLC2005 Datasheet HTML 11Page - Exar Corporation CLC2005 Datasheet HTML 12Page - Exar Corporation CLC2005 Datasheet HTML 13Page - Exar Corporation CLC2005 Datasheet HTML 14Page - Exar Corporation CLC2005 Datasheet HTML 15Page - Exar Corporation CLC2005 Datasheet HTML 16Page - Exar Corporation CLC2005 Datasheet HTML 17Page - Exar Corporation CLC2005 Datasheet HTML 18Page - Exar Corporation CLC2005 Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
For Further Assistance:
Email: CustomerSupport@exar.com or HPATechSupport@exar.com
Exar Technical Documentation: http://www.exar.com/techdoc/
Exar Corporation Headquarters and Sales Offices
48760 Kato Road
Tel.: +1 (510) 668-7000
Fremont, CA 94538 - USA
Fax: +1 (510) 668-7001
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation
assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free
of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user’s specific application. While the information
in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR
Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
© 2007-2015 Exar Corporation
19 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Ordering Information
Part Number
Package
Green
Operating Temperature Range
Packaging
CLC1005 Ordering Information
CLC1005IST5X
TSOT-5
Yes
-40°C to +85°C
Tape & Reel
CLC1005IST5MTR
TSOT-5
Yes
-40°C to +85°C
Mini Tape & Reel
CLC1005IST5EVB
Evaluation Board
N/A
N/A
N/A
CLC1005ISO8X
SOIC-8
Yes
-40°C to +85°C
Tape & Reel
CLC1005ISO8MTR
SOIC-8
Yes
-40°C to +85°C
Mini Tape & Reel
CLC1005ISO8EVB
Evaluation Board
N/A
N/A
N/A
CLC1015 Ordering Information
CLC1015IST6X
TSOT-6
Yes
-40°C to +85°C
Tape & Reel
CLC1015IST6MTR
TSOT-6
Yes
-40°C to +85°C
Mini Tape & Reel
CLC1015IST6EVB
Evaluation Board
N/A
N/A
N/A
CLC2005 Ordering Information
CLC2005ISO8X
SOIC-8
Yes
-40°C to +85°C
Tape & Reel
CLC2005ISO8MTR
SOIC-8
Yes
-40°C to +85°C
Mini Tape & Reel
CLC2005ISO8EVB
Evaluation Board
N/A
N/A
N/A
CLC2005IMP8X
MSOP-8
Yes
-40°C to +85°C
Tape & Reel
CLC2005IMP8MTR
MSOP-8
Yes
-40°C to +85°C
Mini Tape & Reel
CLC2005IMP8EVB
Evaluation Board
N/A
N/A
N/A
Moisture sensitivity level for all parts is MSL-1. Mini tape and reel quantity is 250.
Revision History
Revision
Date
Description
2D (ECN 1513-01)
March 2015
Reformat into Exar data sheet template. Updated ordering information table to include MTR and EVB
part numbers. Updated thermal resistance numbers and package outline drawings. Added CLC1015
back into data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com