Electronic Components Datasheet Search
  English  ▼

X  

CLC2005 Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC2005
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2005 Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC2005 Datasheet HTML 2Page - Exar Corporation CLC2005 Datasheet HTML 3Page - Exar Corporation CLC2005 Datasheet HTML 4Page - Exar Corporation CLC2005 Datasheet HTML 5Page - Exar Corporation CLC2005 Datasheet HTML 6Page - Exar Corporation CLC2005 Datasheet HTML 7Page - Exar Corporation CLC2005 Datasheet HTML 8Page - Exar Corporation CLC2005 Datasheet HTML 9Page - Exar Corporation CLC2005 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2007-2015 Exar Corporation
6 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
CLC1015 Pin Assignments
TSOT-6
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
DIS
Disable pin. Enabled if pin is left open or tied
to +VS, disabled if pin is tied to -VS (which is
GND in a single supply application.)
6
+VS
Positive supply
CLC1015 Pin Configurations
TSOT-6
-
+
2
3
6
4
+IN
+
Vs
5
DIS
-IN
1
-
Vs
OUT
SOIC-8
Pin No.
Pin Name
Description
1
NC
No Connect
2
-IN
Negative input
3
+IN
Positive input
4
-VS
Negative supply
5
NC
No Connect
6
OUT
Output
7
+VS
Positive supply
8
NC
No Connect
SOIC-8
-
+
1
2
3
4
NC
-IN
+IN
-Vs
NC
+Vs
OUT
NC
8
7
6
5
CLC1005 Pin Assignments
TSOT-5
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
+VS
Positive supply
CLC1005 Pin Configurations
TSOT-5
-
+
2
3
5
4
+IN
+
Vs
-IN
1
-
Vs
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com