Electronic Components Datasheet Search
  English  ▼

X  

BZB784 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZB784
Description  Voltage regulator double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZB784 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZB784 Datasheet HTML 1Page - NXP Semiconductors BZB784 Datasheet HTML 2Page - NXP Semiconductors BZB784 Datasheet HTML 3Page - NXP Semiconductors BZB784 Datasheet HTML 4Page - NXP Semiconductors BZB784 Datasheet HTML 5Page - NXP Semiconductors BZB784 Datasheet HTML 6Page - NXP Semiconductors BZB784 Datasheet HTML 7Page - NXP Semiconductors BZB784 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Feb 27
2
Philips Semiconductors
Product specification
Voltage regulator double diodes
BZB784 series
FEATURES
• Total power dissipation: max. 350 mW
• Approx. 5% VZ tolerance
• Working voltage range: nom. 2.4 to 15 V (E24 range).
APPLICATIONS
• General regulation functions
• ESD and surge protection.
DESCRIPTION
Low-power voltage regulator diodes in a small SOT323
(SC-70) package.
PINNING SOT323 (SC-70)
PIN
DESCRIPTION
1
cathode
2
cathode
3
common anode
handbook, halfpage
Top view
2
1
3
MAM407
2
1
3
Fig.1 Simplified outline and symbol.
MARKING
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Device mounted on an FR4 printed-circuit board.
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BZB784-C2V4
91
BZB784-C3V9
96
BZB784-C6V2
9B
BZB784-C10
9G
BZB784-C2V7
92
BZB784-C4V3
97
BZB784-C6V8
9C
BZB784-C11
9H
BZB784-C3V0
93
BZB784-C4V7
98
BZB784-C7V5
9D
BZB784-C12
9J
BZB784-C3V3
94
BZB784-C5V1
99
BZB784-C8V2
9E
BZB784-C13
9K
BZB784-C3V6
95
BZB784-C5V6
9A
BZB784-C9V1
9F
BZB784-C15
9L
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
200
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tamb =25 °C; prior to surge
see Table 1
Ptot
total power dissipation; note 1
Tamb =25 °C; 2 diodes loaded
−
350
mW
Tamb =25 °C; 1 diode loaded
−
180
mW
PZSM
non-repetitive peak reverse
dissipation
tp = 100 µs; square wave;
Tamb =25 °C; prior to surge
−
40
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com